Part Number Hot Search : 
ANSR2N7 4AA12 AK4950 F1S2Z4 ON2880 C3964 BU4508 X1N3046T
Product Description
Full Text Search
 

To Download SMAJ400A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
SMAJ5.0 THRU SMAJ440CA
400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
DO-214AC (SMA)( LEAD FRAME)
A
Features
* * * * * For Surface Mount Applications Unidirectional And Bidirectional Low Inductance High Temp Soldering: 260C for 10 Seconds At Terminals For Bidirectional Devices Add "C" To The Suffix of The Part Number: i.e.SMAJ5.0CA for 5% Tolerance Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information) UL Recognized File # E331408
*
*
0HFKDQLFDO'DWD
* * Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL rating 1 Polarity: Indicated by cathode band except bi-directional types
0D[LPXP5DWLQJ
* * * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Typical Thermal Resistance: 25 /W Junction to Ambient
C
B
F
H
Peak Pulse Current on 10/1000 Peak Pulse Power Dissipation Steady State Power Dissipation Peak Forward Surge Current
Note:
D
IPPM PPPM PM(AV) IFSM
See Table 1 Note 2
E
DIMENSIONS
G
Min 400 W 1.0 W 40A
Note 2, 6 Note 2, 5 Note:5
DIM A B C D E F G H
INCHES MIN .157 .098 .006 .030 .188 .078 .055 .002
MAX .181 .114 .012 .060 .208 .096 .062 .008
MM MIN 4.00 2.50 0.152 0.76 4.80 2.00 1.40 0.051
MAX 4.60 2.90 0.305 1 ..52 5.28 2.44 1.60 0.203
NOTE
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
2. Non-repetitive current pulse, per Fig.3 and derated above TA=25 per Fig.2. 3. Mounted on 5.0mm2 copper pads to each terminal. 4. 8.3ms, single half sine wave duty cycle = 4 pulses per Minutes maximum. 5. Lead temperature at TL = 75 . 6. Peak pulse power waveform is 10/1000 .
SUGGESTED SOLDER PAD LAYOUT
0.085 " MA X
0.058 " MI N
0.05 MI N
www.mccsemi.com
1 of 4
Revision: 12
2009/07/12
MCC
TM
SMAJ5.0 thru SMAJ440CA
100
Micro Commercial Components
PPPM , PEAK PULSE POWER, KW
100 NON-REPETITIVE PULSE WAVEFORM SHOWN IN FIGURE 3 TA = 25 C
PEAK PULSE POWER(Ppp) OR CURRENT(Ipp) DERATING IN PERCENTAGE %
75
10
50
1.0 MOUNTED ON 5.0mm 2 COPPER LAND AREAS 0.1
25
0.1us
1.0 us
10 us
100 us
1.0ms
10ms
0
0
25
50
75
100
125
150
175
200
td, PULSE WIDTH, SEC
TA, AMBIENT TEMPERATURE, C
Fig. 1-PEAK PULSE POWER RATING CURVE
Fig. 2-PULSE RATING CURVE
10,000 TJ = 25 C f = 1.0MHz Vsig = 50mVp-p MEASURED AT ZERO BIAS
150 TA = 25 C
40,000 20,000
Ippm, PEAK PULSE CURRENT, %
CJ, CAPACITANCE, pF
tf = 10
sec
Pulse Width(td) is Defined as the Point Where the Peak Current Decays to 50% of lpp
1,000 6,000 4,000 2,000 100 500 200 MEASURED AT STAND-OFF VOLTAGE(VMW)
Peak Value Ippm 100 Half Value- Ipp 2 50
10/1000
sec Waveform
as Defined by R.E.A.
0
td 0 1.0 2.0 3.0
e-kt 4.0
10 1.0
2.0
5.0
10
20
50
100
200
t, TIME , ms
V(BR), BREAKDOWN VOLTAGE, VOLTS
Fig. 3-PULSE WAVEFORM
50
Fig. 4-TYPICAL JUNCTION CAPACITANCE
Ifsm, PEAK FORWARD SURGE CURRENT, AMPERES
40 30 20 10 0
TJ = T max J 8.3mss SINGLE HALF SINCE-WAVE JEDEC METHOD
1
4
10 20
40
100
NUMBER OF CYCLES AT 60Hz
Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
Revision: 12
www.mccsemi.com
2 of 4
2009/07/12
SMAJ5.0 thru SMAJ440CA
ELECTRICAL CHARACTERISTICS @25 C
MCC PART NUMBER REVERSE STAND-OFF VOLTAGE VWM BREAKDOWN VOLTAGE V(BR) @ IT (VOLTS) MAXIMUM CLAMPING VOLTAGE @ IPP
MCC
Micro Commercial Components
PEAK PULSE CURRENT IPP (AMPS) 43.5 38.8 35.7 33.3 31.0 29.4 27.7 26.0 23.5 22.0 20.1 18.6 17.2 16.4 15.3 14.5 13.7 12.3 11.2 10.3 9.5 8.8 8.3 7.5 6.9 6.2 5.7 5.5 5.2 4.9 4.6 4.3 4.1 3.9 3.5 3.3 2.2 2.9 2.7 2.5 2.3 2.1 1.9 1.6 1.5 1.5 1.4 1.2 1.1 1.0 0.8 0.7 0.6 0.6 MAXIMUM REVERSE LEAKAGE @VWM ID ( A) 800 800 500 200 100 50 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 MARKING CODE
TM
UNI-POLAR SMAJ5.0A SMAJ6.0A SMAJ6.5A SMAJ7.0A SMAJ7.5A SMAJ8.0A SMAJ8.5A SMAJ9.0A SMAJ10A SMAJ11A SMAJ12A SMAJ13A SMAJ14A SMAJ15A SMAJ16A SMAJ17A SMAJ18A SMAJ20A SMAJ22A SMAJ24A SMAJ26A SMAJ28A SMAJ30A SMAJ33A SMAJ36A SMAJ40A SMAJ43A SMAJ45A SMAJ48A SMAJ51A SMAJ54A SMAJ58A SMAJ60A SMAJ64A SMAJ70A SMAJ75A SMAJ78A SMAJ85A SMAJ90A SMAJ100A SMAJ110A SMAJ120A SMAJ130A SMAJ150A SMAJ160A SMAJ170A SMAJ180A SMAJ200A SMAJ220A SMAJ250A SMAJ300A SMAJ350A SMAJ400A SMAJ440A
BI-POLAR SMAJ5.0CA SMAJ6.0CA SMAJ6.5CA SMAJ7.0CA SMAJ7.5CA SMAJ8.0CA SMAJ8.5CA SMAJ9.0CA SMAJ10CA SMAJ11CA SMAJ12CA SMAJ13CA SMAJ14CA SMAJ15CA SMAJ16CA SMAJ17CA SMAJ18CA SMAJ20CA SMAJ22CA SMAJ24CA SMAJ26CA SMAJ28CA SMAJ30CA SMAJ33CA SMAJ36CA SMAJ40CA SMAJ43CA SMAJ45CA SMAJ48CA SMAJ51CA SMAJ54CA SMAJ58CA SMAJ60CA SMAJ64CA SMAJ70CA SMAJ75CA SMAJ78CA SMAJ85CA SMAJ90CA SMAJ100CA SMAJ110CA SMAJ120CA SMAJ130CA SMAJ150CA SMAJ160CA SMAJ170CA SMAJ180CA SMAJ200CA SMAJ220CA SMAJ250CA SMAJ300CA SMAJ350CA SMAJ400CA SMAJ440CA
(VOLTS) 5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10 11 12 13 14 15 16 17 18 20 22 24 26 28 30 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170 180 200 220 250 300 350 400 440
MIN 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.0 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20.0 22.2 24.4 26.7 28.9 31.1 33.3 36.7 40.0 44.4 47.8 50.0 53.3 56.7 60.0 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100 111 122 133 144 167 178 189 201 224 246 279 335 391 447 492
MAX 7.00 7.37 7.98 8.60 9.21 9.83 10.4 11.1 12.3 13.5 14.7 15.9 17.2 18.5 19.7 20.9 22.1 24.5 26.9 29.5 31.9 34.4 36.8 40.6 44.2 49.1 52.8 55.3 58.9 62.7 66.3 71.2 73.7 78.6 86.0 92.1 95.8 104 111 123 135 147 159 185 197 209 222 247 272 309 371 432 494 543
I T (mA) 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
(VOLTS) 9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103 113 121 126 137 146 162 177 193 209 243 259 275 292 324 356 405 486 567 648 713
1 AE AG AK AM AP AR AT AV AX AZ BE BG BK BM BP BR BT BV BX BZ CE CG CK CM CP CR CT CV CX CZ RE RG RK RM RP RR RT RV RX RZ SE SG SK SM SP SR ST SV SX SZ TE TG TK TM
2 WE WG WK WM WP WR WT WV WX WZ XE XG XK XM XP XR XT XV XX XZ YE YG YK YM YP YR YT YV YX YZ ZE ZG ZK ZM ZP ZR ZT ZV ZX ZZ VE VG VK VM VP VR VT VV VX VZ UE UG UK UM
For bi-directional type having Vrwm of 10 Volts and less, the IR limit is double. For parts without A, the VBR is +10%.
Revision: 12
www.mccsemi.com
3 of 4
2009/07/12
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP Packing Tape&Reel;5Kpcs/Reel
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 12
4 of 4
2009/07/12
3


▲Up To Search▲   

 
Price & Availability of SMAJ400A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X